PART |
Description |
Maker |
ST8504 ST8502 ST8501 ST8503 ST6001 ST13070 ST559 S |
TRANSISTOR | BJT | NPN | 700V V(BR)CEO | 10A I(C) | TO-204AA TRANSISTOR | BJT | NPN | 700V V(BR)CEO | 5A I(C) | TO-204AA TRANSISTOR | BJT | NPN | 800V V(BR)CEO | 2.5A I(C) | TO-204AA TRANSISTOR | BJT | NPN | 800V V(BR)CEO | 5A I(C) | TO-204AA IC,COMPLEX-EEPLD,128-CELL,20nS PROP DELAY,LDCC,84PIN,PLASTIC Failsafe 2.5V/ 3.3V Zero Delay Buffer IC FLEX 10K FPGA 30K 208-RQFP IC MAX 7000 CPLD 256 208-RQFP IC FLEX 10K FPGA 50K 240-RQFP IC MCU 3K USB LS PERIPH 16-DIP Single-PLL General-Purpose EPROM Programmable Clock Generator IC, FPGA, 576 LES, PQFP208 2.5V or 3.3V,10- 220 MHz, Low Jitter, 5 Output Zero Delay Buffer 晶体管|晶体管|达林顿|叩| 350V五(巴西)总裁| 40A条一c)|04AE 晶体管|晶体管|达林顿|叩| 400V五(巴西)总裁| 40A条一c)|04AE Failsafe™ 2.5V/ 3.3V Zero Delay Buffer TRANSISTOR | BJT | DARLINGTON | NPN | 350V V(BR)CEO | 20A I(C) | TO-204AA TRANSISTOR | BJT | DARLINGTON | NPN | 350V V(BR)CEO | 10A I(C) | TO-204AA
|
|
2N538 2N522 2N941 2N586 2N502A 2N795 2N738 2N779 2 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 8V V(BR)CEO | TO-5 TRANSISTOR | BJT | PNP | 8V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | TO-9 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | TO-9 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 200MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 12V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | TO-18 晶体管|晶体管|叩| 50V五(巴西)总裁|8 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 30V的五(巴西)总裁| 500mA的一(c)|
|
Central Semiconductor, Corp. Microsemi, Corp.
|
BUH713 |
TRANSISTOR | BJT | NPN | 700V V(BR)CEO | 10A I(C) | TO-218VAR High Voltage Fastswitching NPN Power Transistor
|
ST Microelectronics
|
164-22 163-28 163-12 164-12 164-26 164-20 164-30 1 |
TRANSISTOR | BJT | NPN | 220V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 260V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 240V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 20A I(C) | STR-5/16 晶体管|晶体管|叩| 160V五(巴西)总裁|甲一c)| STR-5/16 晶体管|晶体管| npn型| 120伏特五(巴西)总裁|甲一c)| STR-5/16 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 20A I(C) | STR-5/16 晶体管|晶体管|叩| 40V的五(巴西)总裁|甲一(c)| STR-5/16 TRANSISTOR | BJT | NPN | 280V V(BR)CEO | 20A I(C) | STR-5/16 晶体管|晶体管| npn型| 280伏特五(巴西)总裁|甲一(c)| STR-5/16
|
Ecliptek, Corp.
|
MPSA12DA MPSA12DB MPSA12DC MPSA42DB MPSA42DC MPSA4 |
TRANSISTOR | BJT | PNP | 150V V(BR)CEO | CHIP 晶体管|晶体管|进步党| 150伏五(巴西)总裁|芯片 TRANSISTOR | BJT | DARLINGTON | NPN | 60V V(BR)CEO | CHIP 晶体管|晶体管|达林顿|叩| 60V的五(巴西)总裁|芯片 TRANSISTOR | BJT | NPN | 140V V(BR)CEO | CHIP 晶体管|晶体管| npn型| 140伏特五(巴西)总裁|芯片 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | CHIP TRANSISTOR | BJT | DARLINGTON | NPN | 30V V(BR)CEO | CHIP TRANSISTOR | BJT | NPN | 300V V(BR)CEO | CHIP TRANSISTOR|BJT|DARLINGTON|NPN|CHIP
TRANSISTOR|BJT|DARLINGTON|NPN|30VV(BR)CEO|CHIP
|
Zetex Semiconductor PLC Central Semiconductor, Corp. Cypress Semiconductor, Corp.
|
2N3292 2N4874 2N3307 2N4252 2N5852 2N4253 2N3293 |
TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 50MA I(C) | TO-72 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 50MA I(C) | TO-72 TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 50MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 50MA I(C) | TO-72 晶体管|晶体管|叩| 20V的五(巴西)总裁| 50mA的一(c)|72
|
Integrated Device Technology, Inc.
|
2N327A 2N1254 2N1275 2N760B 2N2008 |
TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 110V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管| npn型| 110伏特五(巴西)总裁| 500mA的一(c)|
|
Electronic Theatre Controls, Inc.
|
NE32740A NE32708 NE32740B NE32702 NE32700 |
TRANSISTOR | BJT | NPN | 50MA I(C) | MACRO-X TRANSISTOR | BJT | NPN | 50MA I(C) | MICRO-X TRANSISTOR | BJT | NPN | 12V V(BR)CEO | 50MA I(C) | CHIP 晶体管|晶体管|叩| 12V的五(巴西)总裁| 50mA的一(c)|芯片
|
Panasonic, Corp.
|
BC413B BF479S |
TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 100MA I(C) | TO-92 晶体管|晶体管|叩| 30V的五(巴西)总裁| 100mA的一(c)|2 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 50MA I(C) | MACRO-T TRANSISTOR|BJT|NPN|30VV(BR)CEO|100MAI(C)|TO-92
|
Vectron International, Inc.
|
OC70 OC75 OC66 2N217 OC74 OC65 OC73 OC76 OC77 OC78 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 150MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 250MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 500mA的一(c)|
|
APEM SA
|
ECG290A ECG300MP ECG293 |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 500MA I(C) | TO-92 晶体管|晶体管|进步党| 80V的五(巴西)总裁| 500mA的一(c)|2 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 1.5A I(C) | TO-202 晶体管|晶体管|叩| 40V的五(巴西)总裁| 1.5AI(丙)|02 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 1A I(C) | TO-92VAR 晶体管|晶体管|叩| 50V五(巴西)总裁| 1A条一(c)|2VAR
|
Cypress Semiconductor, Corp. Murata Manufacturing Co., Ltd. TE Connectivity, Ltd.
|